Part Number Hot Search : 
BFS466L6 75R12K 2SC1413A HT7L4813 BH6513 X80204 MIC4128 APTD3216
Product Description
Full Text Search
 

To Download PAT1008AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THYRISTOR MODULE
222A / 800V
PAT1008AC
FEATURES
* Isolated Base * Dual Thyristors Anti-Parallel Circuit * High Surge Capability * UL Recognized, File No. E187184
OUTLINE DRAWING
TYPICAL APPLICATIONS
* AC phase control * AC switch
Maximum Ratings
Parameter
Repetitive Peak Off-State Voltage Non Repetitive Peak Off-State Voltage
Approx Net Weight:155g
Symbol VDRM VDSM
Grade
PAT1008AC
Unit
V
Max Rated Value
800 960
Parameter
RMS On-State Current Surge On-State Current I Squared t Critical Rate of Turned-On Current Peak Gate Power Average Gate Power Peak Gate Current Peak Gate Voltage Peak Gate Reverse Voltage Operating JunctionTemperature Range Storage Temperature Range Isoration Voltage Case mounting Mounting torque Terminals Value per 1 Arm IT(RMS) IFSM I2t di/dt PGM PG(AV) IGM VGM VRGM Tjw Tstg Viso Ftor
Conditions
50Hz Half Sine Wave condition Tc=82C 50 Hz Half Sine Wave,1Pulse Non-Repetitive 2msec to 10msec VD=2/3VDRM, ITM=2 IO, Tj=125C IG=200mA, diG/dt=0.2A/s
*
Unit
A A A2s A/s
222 2000 20000 100
5 W 1 W 2 A 10 V 5 V -40 to +125 C -40 to +125 C Base Plate to Terminals, AC1min 2500 V M6 Screw 2.4 to 3.5 N*m M5 Screw 2.4 to 2.8
Electrical * Thermal Characteristics
Characteristics
Peak Off-State Current Peak On-State Voltage Gate Current to Trigger Symbol IDM VTM IGT Test Conditions VDM= VDRM, Tj=125C ITM=300A, Tj=25C Tj=-40C VD=6V,IT=1A Tj=25C Tj=125C Tj=-40C VD=6V,IT=1A Tj=25C Tj=125C VD=2/3VDRM Tj=125C VD=2/3VDRM Tj=125C Maximum Value. Min. Typ. Max. 40 1.38 200 100 50 4 2.5 2 0.25 500 100 6 2 4 100 50 0.15 0.1 Unit mA V mA
Gate Voltage to Trigger Gate Non-Trigger Voltage Critical Rate of Rise of Off-State Voltage Turn-Off Time Turn-On Time Delay Time Rise Time Latching Current Holding Current Thermal Resistance *1 Value Per 1Arm *1: Value Per Module
VGT VGD dv/dt tq
V V V/s s s s s mA
ITM=IO,VD=2/3VDRM dv/dt=20V/s, VR=100V -di/dt=20A/s, Tj=125C tgt Tj=25C, ITM=IT(RMS) VD=100V, IG=200mA td diG/dt=0.2A/s tr IL Tj=25C IH Tj=25C Rth(j-c) Junction to Case Base Plate to Heat Sink Rth(c-f) with Thermal Compound
C/W
PAT1008AC OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of PAT1008AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X